PART |
Description |
Maker |
HCMS-2902 HCMS-2903 HCMS-2904 HCMS-2911 HCMS-2912 |
HCMS-2962 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2961 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2964 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2963 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2925 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2924 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2923 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2922 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2921 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2915 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2914 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2913 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2912 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2911 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2905 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2904 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2903 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2902 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2901 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2975-HI000 · High Performance CMOS 5 x 7 Alphanumeric Displays Bipolar Transistor; Collector Emitter Voltage, Vceo:350V; Transistor Polarity:NPN; Power Dissipation:1W; DC Current Gain Min (hfe):40; Collector Current:1A; Package/Case:3-TO-39; DC Current Gain Max (hfe):60; Terminal Type:5 T-PNP-SI-HV AF PWR AMP High Performance CMOS 5 x 7 Alphanumeric Displays 高性能CMOS 5 × 7字母数字显示
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Vishay Intertechnology, Inc.
|
ATF22V10C ATF22V10C-10JC ATF22V10C-10JI ATF22V10C- |
High Performance E2 PLD FLASH PLD, 10 ns, PDIP24 Quad Flow through Driver FLASH PLD, 10 ns, PDSO24 High Performance E2 PLD FLASH PLD, 5 ns, PQCC28 High Performance E2 PLD E2类高性能可编程逻辑器件 High Performance E2 PLD FLASH PLD, 7.5 ns, PQCC28 LVDS Dual 2x2 Bi-Directional Crosspoint/Repeater
|
ATM Electronic, Corp. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AD547JH AD547LH AD547SCHIPS AD542 AD544 AD542LH AD |
Initial offset voltage: 2.0mV; high performance BiFET operational amplifier Initial offset voltage: 1.0mV; high performance BiFET operational amplifier High Performance,BiFET Operational Amplifiers(高性能,BiFET运算放大 High Performance, BiFET Operational Amplifiers OP-AMP, 500 uV OFFSET-MAX, 1 MHz BAND WIDTH, UUC High Performance/ BiFET Operational Amplifiers MLT Series Linear Position Transducer, 127,0 mm [5.0 in] Electrical Travel, 1.0 % Linearity, Item Number F38000105 , CAMERAS, MEMORY BACK-UP, PAGERS AND WATCHES RoHS Compliant: NA
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
20EJS1 20EJS8 10EJS1 10EJS8 6EJS1 6EJS8 3EJS1 3EJS |
Enhanced Performance Snap-In Compact RFI Filter IEC Connector Package
|
Tyco Electronics
|
A216RHI A222RHI A203RHI A202RHI A213RHI A225RHI A2 |
Very High Isolation, 2W Single & Dual Output DC/DC Con vert ers
|
MicroPower Direct, LLC
|
MA600ERUI |
Wide 4:1 Input, 6W, High Isolation, DIP DC/DC Con vert ers
|
MicroPower Direct, LLC
|
HCMS-39X6 HCMS-3906 HCMS-3907 HCMS-3916 HCMS-3917 |
HCMS-3977 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3976 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3967 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3966 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3917 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3916 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3907 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3906 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays 3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
M4-192/96-12VI M4LV-256/128-12AC M4LV-128N/64-10JI |
High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PBGA256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 10 ns, PQCC84 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 18 ns, PQFP144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQCC84 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQCC44 EE PLD, 14 ns, PQCC44 PLASTIC, LCC-44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQFP48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQFP44 EE PLD, 14 ns, PBGA256 BGA-256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PBGA256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 18 ns, PQFP100
|
Lattice Semiconductor, Corp.
|
4302.5001 4302.5002 4302.5003 4302.5004 4302.5005 |
IEC Appliance Inlet C14 with Filter, Line Switch 1-pole Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 6A; Terminal Type: Quick Connect Tabs; Non-illuminated; qualified for use in equipment according To IEC/EN 60953 6A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER
|
Schurter Inc. SCHURTER AG
|
HSMA-C170 HSMA-C190 HSMA-C191 HSMA-C110 HSMC-C190 |
Agilent HSMA-C170 High Performance ChipLED Agilent HSMA-C190 High Performance ChipLED Agilent HSMA-C191 High Performance ChipLED Agilent HSMA-C110 High Performance ChipLED Agilent HSMC-C190 High Performance ChipLED Agilent HSMC-C170 High Performance ChipLED Agilent HSMC-C110 High Performance ChipLED Agilent HSML-C170 High Performance ChipLED Agilent HSML-C110 High Performance ChipLED Agilent HSMZ-C110 High Performance ChipLED Agilent HSMZ-C170 High Performance ChipLED
|
发光二极
|
CRC-1 |
IEC CONNECTOR RETAINING CLAMP FOR IEC 60320 C13
|
PowerDynamics, Inc
|
IECJ1080 IECJ1120 IECNH-A1 IECNH-A1080 IECNH-A1120 |
AC INLET/OUTLET IEC 320 & MINI IEC CONNECTORS
|
Adam Technologies, Inc. http://
|